Part Number Hot Search : 
MIC10938 SFD381A ANTXV2N 1117HM GLC12110 24012 VTE1285 MBR1208
Product Description
Full Text Search
 

To Download EUR2300M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
EUR2300M
www.SunLED.com
8.89mmx3.81mm LED LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA. LOW CURRENT OPERATION. EASILY MOUNTED ON P.C. BOARDS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. CATEGORIZED FOR LUMINOUS INTENSITY. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UR (GaAsP/GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85 260C For 3~5 Seconds Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UR (GaAsP/GaP) 2.0 2.5 10 Unit V V uA
P
627
nm
D
625
nm
45
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 39
Wavelength nm P
EUR2300M
Red
GaAsP/GaP
White Diffused
7
627
Published Date : MAR 17,2008
Drawing No :SDSA3867
V3
Checked : B.L.LIU
P.1/4
Part Number:
EUR2300M
www.SunLED.com
8.89mmx3.81mm LED LIGHT BAR
UR
Published Date : MAR 17,2008
Drawing No :SDSA3867
V3
Checked : B.L.LIU
P.2/4
Part Number:
EUR2300M
www.SunLED.com
8.89mmx3.81mm LED LIGHT BAR
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 17,2008
Drawing No :SDSA3867
V3
Checked : B.L.LIU
P.3/4
Part Number:
EUR2300M
www.SunLED.com
8.89mmx3.81mm LED LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EUR2300M
Published Date : MAR 17,2008
Drawing No :SDSA3867
V3
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of EUR2300M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X